Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download AWT6201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWT6201
GSM850/GSM900/DCS/PCS Quad Band PowerPlexerTM with Integrated Power Control
Advanced Product Information - Rev 0.7 The module requires only the most basic RF decoupling, all the RF ports are 50, and interfaces directly with the baseband power control DAC. The solution includes integrated power control, two dual band power amplifiers to support GSM850/900/DCS/ PCS, harmonic filtering and RX/TX switching. The power amplifiers support class 12 GPRS, 4 TX slots at 50% duty cycle, using three stage InGaP HBT PAs. The pHEMT switches support 4 RX ports to interface with external RX SAW filters and the filtering is achieved using integrated passives technology. The integrated power control scheme reduces the number of external components associated with a power control function, and facilitates fast and easy production calibration. The power control range is typically 55dB.
FEATURES
* * * * * * * * * * * * ANADIGICS developed technologies (InGaP HBT/pHEMT/IPP) Proven high volume low cost laminate/ overmold technology Integrated Power Control (CMOS) Integrated PA/SW/LPF High Gain InGaP HBT PAs Low loss receive paths High isolation switch (TX to RX, RX on/off) Fully compliant GSM harmonic performance ESD protected antenna port (12kV) Small footprint (10.5mm x 11.0mm x 1.55mm) GPRS capable (class 12) Power control range >50dB
APPLICATIONS
* * Quad band handsets and PDAs Configurable for Tri Band/UMTS handsets
PRODUCT DESCRIPTION
The AWT6201 is the second generation GSM PowerPlexerTM. It has been developed to minimize time to market for GSM handset/PDA designers.
DC S _R X
DC S /P C S
DC S /P C S _IN
P C S _R X
C NT L_1 C NT L_2 C NT L_3 V B AT T VR E G V R AMP
Logic/P ower C ontroller
ANT
G S M_IN G S M900_R X
G S M850/900
G S M850_R X
Figure 1: Functional Block Diagram
01/2004
AWT6201
ELECTRICAL CHARACTERISTICS
Table 1: Absolute Minimum and Maximum Ratings
PARAMETER Supply Voltage (VCC) Input Power (RFIN) Power Control Voltage (VRAMP) Storage Temperature (TSTG) Maximum Reflow Temperature -55 MIN MAX +7 +11 1.8 150 240 UNIT V dB m V C C
Exceeding the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of this data sheet. Exposure to maximum ratings for extended periods can adversely affect device reliability.
Table 2: ESD Ratings
PARAMETER ESD Threshold Voltage (Antenna Port) ESD Threshold Voltage (Control Inputs) ESD Threshold Voltage (RF Inputs) ESD Threshold Voltage (RX Ports) METHOD HBM HBM HBM HBM RATING 12 1 250 300 UNIT kV kV V V
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. Human body model HBM employed is resistance = 1500, capacitance = 100pF.
Table 3: Logic Level Definitions
Test Conditions: VCC = 3.0 to 4.8V, TC = 25 3C
SIGN AL Logi c Hi gh Logi c Low Input bi as current
MIN 1.7 0
TYP
MAX 3 0.5 10
U N IT V V
A
2
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
AWT6201 Table 4: Operating Conditions and Supply Currents
PARAMETER Supply Voltage (VBATT) Regulated Voltage (VREG) Regulated Current (IREG) Regulated Current (IREG) Power Down Current (VBATT = 4.8V) RX Current (VBATT = 4.8V) Control Voltage (VRAMP) Contol Voltage for minimum POUT(VRAMP_MIN) VRAMP input capacitance GSM850/900 module efficiency (VRAMP = 1.6V, VBATT = 3.5V, PIN = 2dBm) DCS/PCS module efficiency (VRAMP = 1.6V, VBATT = 3.5V, PIN = 2dBm) Case Temperature (TC) Duty Cycle -20 0 0 0.2 0.2 15 40 34 85 50 MIN 3.0 2.7 TYP 3.5 2.85 7 10 MAX 4.8 3.0 10 30 10 30 1.6 0.25 20 UNIT V V mA TX mode enabled RX mode enabled COMMENTS
A A A
V V pF % % C %
(PA+Switch+Filter) (PA+Switch+Filter)
Parametric performance is guaranteed under specified operating conditions.
Table 5: Receiver Specification
Test Conditions: Mode = RX (see control table), VBATT = 3.5V, ZIN = ZOUT = 50, TC = 25 3C
PARAMETER GSM850/900 Insertion loss DCS/PCS Insertion loss Receiver Return loss Receiver Isolation ANT to RX_OFF TX Power at RX ports
MIN
TYP 1.3 1.2
MAX 1.5 1.5
UNIT dB dB dB dB dB dB
Comments FIN = 869 to 960MHz, VBATT = 3.0 to 4.8V, TC = -20 to +85C FIN = 1805 to 1990MHz , VBATT = 3.0 to 4.8V, TC = -20 to +85C FIN = 869 to 960MHz FIN = 1805 to 1990MHz FIN = 869 to 960MHz FIN = 1805 to 1990MHz FIN = 915MHz, POUT = 33.2dBm FIN = 1910MHz, POUT = 30.4dBm
15 15 25 25 6 3 8 5
dB m dB m
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
3
AWT6201 Table 6: GSM850/900 Electrical Specification
Test Conditions: Mode = GSM_TX_EN, VBATT = 3.5V, ZIN = ZOUT = 50, TC = 25 3C, PIN = 2dBm, PWIDTH = 1154s, Duty Cycle = 25%
PAR AMETER Frequency (FIN) Input Power (PIN) Output Power (POUT) D egraded Output Power
MIN 824 880 0 33.2 30.7
TYP
MAX 849 915
U N ITS MHz MHz dB m dB m dB m
C OMMEN TS
2 33.8 31.7
4
VRAMP = 1.6V VBATT = 3.0 V, VRAMP = 1.6V, PIN = 0dBm, TC = 85C PIN = 4dBm, VBATT = 3 to 4.8V Mode = GSM900_RX_EN or GSM850_RX_EN, see control table VRAMP = 0.2V, PIN = 4dBm, VBATT = 3 to 4.8V Mode = GSM_TX_EN, see control table VBATT = 3 to 4.8V, POUT = 5 to 33.2dBm VSWR =10:1 All angles VBATT = 3 to 4.8V, POUT = 5 to 33.2dBm, TC = -20 to 85 C PIN = 4dBm, VBATT = 4.8V, POUT = 5 to 33.2dBm, All phases of load
Forward Isolati on (1)
-55
-51
dB m
Forward Isolati on (2)
-25
-10
dB m
Harmoni c 2nd 3fO to 12.75 GHz Stabi li ty: < 1GHz > 1GHz
-38 -37
-34 -33
dB m dB m
-36 -30
dB m dB m
Ruggedness
10:1 VSWR
-88
-84
dB m
FIN = 849MHz FOUT = 869 to 894MHz RBW = VBW = 100kHz, POUT = 5 to 33.2dBm FIN = 915MHz FOUT = 925 to 935MHz RBW = VBW = 100kHz, POUT = 5 to 33.2dBm FIN = 915MHz FOUT = 935 to 960MHz RBW = VBW = 100kHz, POUT = 5 to 33.2dBm All power levels
RX Band Noi se
-81
-78
dB m
-89
-86
dB m
Input VSWR
2.5:1
4
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
AWT6201 Table 7: DCS/PCS Electrical Specification
Test Conditions: Mode = DCS_PCS_TX_EN, VBATT = 3.5V, ZIN = ZOUT = 50, TC = 25 3C, PIN = 2dBm, PWIDTH = 1154s, Duty Cycle = 25%
PARAMETER Frequency (FIN) Input Power (PIN) Output Power DCS/PCS (POUT) Degraded Output Power
MIN 1710 1850 0 30.5 27.7
TYP
MAX 1785 1910
UNITS MHz MHz dB m dB m dB m
COMMENTS
2 31.5 28.7
4
VRAMP = 1.6V VBATT = 3.0V, VRAMP = 1.6V, PIN = 0dBm, TC = 85C PIN = 4dBm, VBATT = 3 to 4.8V Mode = DCS_RX_EN or PCS_RX_EN, see control table VRAMP = 0.2V, PIN = 4dBm, VBATT = 3 to 4.8V Mode = DCS_PCS_TX_EN, see control table VBATT = 3 to 4.8V, POUT = 0 to 30.4dBm VSWR =10:1 All angles VBATT = 3 to 4.8V, POUT = 0 to 30.4dBm, TC = -20 to 85 C PIN = 2dBm, VBATT = 4.8V, POUT = 0 to 30.4dBm, All phases of load FIN = 1785 or 1910MHz, FOUT = 1805 to 1880MHz, or 1930 to 1990MHz POUT = 0 to 30.4dBm, RBW = VBW = 100kHz All power levels
Forward Isolation
-55
-51
dB m
Forward Isolation (2)
-25
-10
dB m
Harmonics 2fo to 12.75 GHz Stability: < 1GHz > 1GHz Ruggedness:
-37
-33
dB m
-36 -30 10:1 VSWR
dB m dB m
RX Band Noise
-88
-84
dB m
Input VSWR
2.5:1
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
5
AWT6201 Table 8: Logic Control Table MODE SHUTDOWN C N TL 1 0 C N TL2 0 C N TL3 0 Description Low current state where module is disabled. This mode enables a low loss path from the antenna to GSM900_RX port and from antenna to PCS _RX port. PA's are disabled and switch is in RX mode. This mode enables a low loss paths from the antenna to GSM850_RX port, and from antenna to DCS_RX port. PA's are disabled and switch is in RX mode. Switch is in transmit mode and GSM850/900PA is enabled. Switch is in transmit mode and DCS/PCS PA is enabled.
GSM900_RX_EN PCS_RX_EN
0
0
1
GSM850_RX_EN DCS_RX_EN
0
1
0
GSM_TX_EN DCS_PCS_TX_EN
1 1
0 1
1 0
Table 9: Control Timing
PARAMETER Switching delay from RX to TX Mode Switching delay from TX to RX Mode MIN TYP 2 2 MAX UNITS ms ms Time for power at antenna to rise from -10dBm to maximum output power. Time for power at antenna to fall from maximum output power to -10dBm. COMMENTS
POUT rise time
2
ms
POUT fall time
2
ms
6
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
AWT6201 Figure 2: Pinout (X-Ray View)
1 2 40 39 38 37 36 35 34 33 32 31 30
3 4 5
29 28 27 26 25 24 23 22 21
6 7 8 9 10 11
Note: unassigned pins are ground pads
12
13
14
15
16
17
18
19
20
Table 10: Pinout Description
PIN
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
NAME
DCS/PCS_IN GND CNTL1 CNTL2 CNTL3 VBATT VREG VRAMP GND GND GSM_IN GND GND GND GND GND GND GND GND GSM850_RX
FUNCTION
DCS/PCS RF Input Ground Control logic input Control logic input Control logic input Battery supply connection Regulated supply connection Analog input for power control Ground Ground GSM850/900 RF Input Ground Ground Ground Ground Ground Ground Ground Ground GSM850 receive port
PIN
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
NAME
GND GSM900_RX GND GND GND GND ANT GND GND PCS_RX GND DCS_RX GND GND GND GND GND GND GND GND Ground
FUNCTION
GSM900 receive port Ground Ground Ground Ground Antenna port Ground Ground PCS receive port Ground DCS receive port Ground Ground Ground Ground Ground Ground Ground Ground
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
7
AWT6201
PACKAGE OUTLINE DRAWING
8
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
AWT6201
PACKAGE OUTLINE DRAWING
2 2 5 6
1
1
1
1
4
1 9 10 3 3 7 8 1 1
4
2 2
1
1
1
1
2 2
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
9
AWT6201
NOTES
10
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
AWT6201
NOTES
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004
11
AWT6201
ORDERING INFORMATION
ORDER NUMBER AWT6201 TEMPERATURE RANGE PACKAGE DESCRIPTION COMPONENT PACKAGING
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
12
ADVANCED PRODUCT INFORMATION - Rev 0.7 01/2004


▲Up To Search▲   

 
Price & Availability of AWT6201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X